Part Number Hot Search : 
XU1000 SI1128 2N5018 BFG197 RB520 2SB493 80050 NCP707
Product Description
Full Text Search
 

To Download IXFR102N30P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 300 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 300 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c60a i dm t c = 25 c, pulse width limited by t jm 250 a i ar t c = 25 c60a e ar t c = 25 c60mj e as t c = 25 c 2.5 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 4 ? p d t c = 25 c 250 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c v isol 50/60 hz, rms, 1 minute 2500 v~ f c mounting force 22..130/5..29 n/lb weight 5g ds99247e(12/05) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a 300 v v gs(th) v ds = v gs , i d = 4 ma 2.5 5.0 v i gss v gs = 20 v dc , v ds = 0 200 na i dss v ds = v dss 25 a v gs = 0 v t j = 125 c 250 a r ds(on) v gs = 10 v, i d = 51 a 36 m ? pulse test, t 300 s, duty cycle d 2 % polarht tm hiperfet power mosfet ixfr 102n30p n-channel enhancement mode fast intrinsic diode avalanche rated features l silicon chip on direct-copper-bond substrate - high power dissipation - isolated mounting surface - 2500v electrical isolation l international standard packages l unclamped inductive switching (uis) rated l low package inductance - easy to drive and to protect advantages l easy to mount l space savings l high power density v dss = 300 v i d25 =60 a r ds(on) 36 m ? ? ? ? ? t rr 200 ns g = gate d = drain s = source s g d isoplus247 (ixfr) e153432 (electrically isolated back surface) (isolated tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixfr 102n30p symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 51 a, pulse test 45 57 s c iss 7500 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1150 pf c rss 230 pf t d(on) 30 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = 51 a 28 ns t d(off) r g = 3.3 ? (external) 130 ns t f 30 ns q g(on) 224 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 51 a 50 nc q gd 110 nc r thjc 0.5 c/w r thcs 0.15 c/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 102 a i sm repetitive 250 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25 a, -di/dt = 100 a/ s 200 ns q rm v r = 100 v, v gs = 0 v 0.8 c i rm 7 isoplus247 outline ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6771478 b2
? 2006 ixys all rights reserved ixfr 102n30p fig. 2. exte nde d output characte ris tics @ 25 o c 0 25 50 75 100 125 150 175 200 225 250 0 2 4 6 8 101214161820 v ds - volts i d - amperes v gs = 10v 9v 7v 6v 8v 5v fig. 3. output characteristics @ 125 o c 0 10 20 30 40 50 60 70 80 90 100 110 01234 56789 v ds - volts i d - amperes v gs = 10v 9v 8v 5v 6v 7v fig. 1. output characteristics @ 25 o c 0 10 20 30 40 50 60 70 80 90 100 110 00.511.5 22.533.54 v ds - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 4. r ds(on ) norm alize d to i d = 51a value vs. junction tem perature 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds( on) - normalized i d = 102a i d = 51a v gs = 10v fig. 5. r ds(on) norm alize d to i d = 51a value vs. drain current 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 0 25 50 75 100 125 150 175 200 225 250 i d - amperes r ds( on) - normalized t j = 125oc t j = 25oc v gs = 10v fig. 6. drain current vs. case tem perature 0 10 20 30 40 50 60 70 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. ixfr 102n30p fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 25 50 75 100 125 150 175 200 225 q g - nanocoulombs v g s - volts v ds = 150v i d = 51a i g = 10m a fig. 7. input adm ittance 0 25 50 75 100 125 150 3.5 4 4.5 5 5.5 6 6.5 7 7.5 v gs - volts i d - amperes t j = 125oc 25oc -40oc fig. 8. transconductance 0 10 20 30 40 50 60 70 80 90 100 0 25 50 75 100 125 150 175 200 i d - amperes g fs - siemens t j = -40oc 25oc 125oc fig. 9. source curre nt vs . source-to-drain voltage 0 50 100 150 200 250 300 0.4 0.6 0.8 1 1.2 1.4 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 12. forw ard-bias safe ope rating are a 1 10 100 1000 1 10 100 1000 v ds - volts i d - amperes 100s 1ms dc t j = 150oc t c = 25oc r ds(on) limit 10m s 25s
? 2006 ixys all rights reserved ixfr 102n30p fig. 13. m axim um transient therm al resistance 0.01 0.10 1.00 1 10 100 1000 pulse width - milliseconds r (th)jc - oc/w


▲Up To Search▲   

 
Price & Availability of IXFR102N30P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X